Part Number Hot Search : 
DTC143ET C143Z 1936X234 45N6X 82845GL TA1733A BF1201WR 01504
Product Description
Full Text Search
 

To Download FCS-0031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FCS-0031 version: 1 megapixel pir lighting poe network camera levelone FCS-0031 is a fixed day camera with super image quality for home security and surveillance. it provides a distinct and stylish exterior mount unit with excellent features and quality, allowing plenty support of applications and wide area of coverage. built-in cutting edge technology of remote viewing, users are allowed to have flexible remote live views of up to 16 cameras monitored simultaneously from a central web interface. with the megapixel progressive sensor and white led, FCS-0031 comes with high resolution quality and sharp sensitivity - a perfect solution for securing your home and office. in addition, the FCS-0031 provides many advanced features, including human detection sensor (pir), micro sd card slot and privacy button. the FCS-0031 complies with 802.3af poe standard and supports flexible deployment, even in locations without power outlet. with an "easy installation wizard", this levelone ip camera is very user-friendly, perfect for both home and business use. it is also embedded with a high-performance image sensor and cpu. the FCS-0031 supports h.264, mpeg4 and mjpeg video compression, providing a high resolution at 640x400 or 1280x800 for high-quality video and real-time viewing. key features - megapixel (1280 x 800) high-definition resolution - ieee 802.3af poe compliant to simplify deployment and installation www.level1.com page 1 of 6
- built-in pir sensor for human temperature detection - built-in white led for auto-illuminating motion detected area - built-in microphone and speaker for 2-way audio communication - easy internet monitoring via configuration free level1dns? service - compression: h.264/mpeg-4/mjpeg - simple audio/video on/off with one-push privacy button - built-in micro sd/sdhc card slot for local storage - free 64-channel monitoring software included (supports icamsecure app) highlight free bundled 64-channel management software we aim to offer you the most versatile and comprehensive surveillance solutions. our free ip camsecure software coming allows you to monitor up to 64 ip cameras simultaneously on one screen to enhance scalability. for added convenience and flexibility, the software includes various advanced features such as scheduling recording, event alert, and heaps more. in addition, simply install our free icamsecure app to your smartphone and connect to the pc with ip camsecure software installed, you will easily turn your iphone/android smartphone into a portable surveillance system for real-time monitoring and snapshot. works well with fsw-0503 4 fe poe + 1 fe switch, 61.6w poi-2002 poe injector specifications system specifications image sensor: megapixel 1/4" progressive scan cmos connectors and cabling: 1 x rj-45 10/100 mbps poe port 1 x dc power jack (12v) modularity: 1 x microsd/sdhc card slot button: privacy mask button, reset button indicator: power, ethernet, privacy lens: board lens, fixed-focal, f=3.6 mm, f2.3 illumination led: triggered by auto pir sensor white led distance up to 6m passive infrared sensor (pir): www.level1.com page 2 of 6
pir range up to 4m shutter time: 1/5 ~ 1/24,500 sec. angle of view: 55.7 pan/tilt/zoom: 4x digital zoom video compression: h.264 / mpeg4 / mjpeg resolution: 1m (1280x800) / vga (640x480) / cif (320x192) video format: store to pc: asf store to sd card: mp4 audio compression: g.711 / amr power: power consumption: 4.1w power input: dc12v 1a / 802.3af poe standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3af power over ethernet (poe) tcp/ip, udp, icmp,dhcp, ntp, dns, ddns, smtp, ftp, http, samba, pppoe, upnp, bonjour, rtp, rtsp, rtcp features general: backup: microsd/sdhc card slot for local storage dns: easy internet monitoring via configuration free level1dns? service security: alarm and notification: alarm: pir detection; motion detection notification: http, ftp, smtp, samba access control: multi-level user access with password protection ip address filtering https encrypted data transmission video: image setting: - adjustable image size, quality and bit rate - configurable brightness, sharpness, contrast, saturation, white balance and exposure - agc/awb/aes - flip & mirror - privacy mask - time stamp and text caption overlay image layout: streaming: up to 2 video streams motion detection: 3 detection zones audio: streaming: 2-way audio input/output: built-in microphone/speaker performance www.level1.com page 3 of 6
number of clients: 10 data transfer rate: 10/100mbps frame rate: up to 30 fps at all resolutions minimum illumination: 1 lux (without led) 0 lux (with led) environment temperature (c): operating: 0c ~ 50c humidity (non-condensing): operating: 10% ~ 80% physical specifications dimensions (w x d x h mm): 70 x 34 x 105 mm weight (g): 103 g others approval and compliance: ce, fcc deployment: desktop/wall/ceiling mount operation systems: microsoft windows 7/vista/xp viewing system requirements: browser: internet explorer 6.x or above cell phone: 3gpp player real player: 10.5 or above quick time 6.5 or above www.level1.com page 4 of 6
diagram order information FCS-0031 package contents power adapter rj45 ethernet cable quick installation guide resource cd (user manual, utility, 64-ch monitoring software) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 5 of 6
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of FCS-0031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X